PART |
Description |
Maker |
SB20200CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB20200FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 20.0A
|
Gulf Semiconductor
|
SB1060FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
|
Gulf Semiconductor
|
SB3045CT |
GPP-TO Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 30.0A
|
Gulf Semiconductor
|
BTA212BSERIES BTA212_SERIES_B_1 BTA212-500B BTA212 |
Three quadrant triacs high commutation - I<sub>GT</sub>: 50 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 800 V; Package: SOT78 (TO-220AB); Container: Tube pack TRIAC|500V V(DRM)|12A I(T)RMS|TO-220AB From old datasheet system
|
NXP SEMICONDUCTORS Philips
|
BT152-400R BT152-400R127 BT152-600R127 |
Thyristors - I<sub>GT</sub>: 32 mA; I<sub>T</sub> (R<sub>MS</sub>): 20 A; V<sub>DRM</sub>: 650 V; Package: SOT78 (TO-220AB); Container: Tube pack Thyristors - I<sub>GT</sub>: 32 mA; I<sub>T</sub> (R<sub>MS</sub>): 20 A; V<sub>DRM</sub>: 450 V; Package: SOT78 (TO-220AB); Container: Tube pack From old datasheet system
|
NXP SEMICONDUCTORS
|
UGRP16D |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Power Rectifiers
|
Gulf Semiconductor
|
UERA10D |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
|
Gulf Semiconductor
|
UERA16A |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 50V CURRENT:16.0A
|
Gulf Semiconductor
|
FERA16D |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:16.0A
|
Gulf Semiconductor
|
FERP20J |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT:20.0A
|
Gulf Semiconductor
|
UERA20D |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:20.0A
|
Gulf Semiconductor http://
|